Part Number Hot Search : 
HYUNPRN 474J400 M29LV0 NLX1G57 74HC174 113Z3 TB1212 V271CA40
Product Description
Full Text Search
 

To Download PE7088-8 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  pasternack enterprises, inc. ? p.o. box 16759, irvine, ca 92623 phone: (866) 727-8376 or (949) 261-1920 ? fax: (949) 261-7451 sales@pasternack.com ? techsupport@pasternack.com version c - revision - ? 2011 pasternack enterprises all rights reserved. 1 40 ghz 2.92mm attenuator the pasternack pe7088 attenuator series is designed with stainless steel 2.92mm connectors for excellent performance to 40 ghz and 1 watt. this high frequency attenuator family has a stainless steel round body construction with 9/32 fats for improved anti-torque installation and removal in a system. the high performance 40 ghz attenuator line is available in 1 db steps from 0 db to 10 db for accurate system power leveling. 12 db, 15 db, 20 db and 30 db attenuators are available for millimeter wave applications. confguration connector 1 2.92mm male connector 2 2.92mm female frequency range (ghz) dc to 40 body material and plating stainless steel, passivated design fixed electrical specifcations frequency range (ghz) dc to 40 impedance (ohms) 50 power, max input (watt) 1 standard attenuation values (db) 8 vswr max input 1.4:1 frequency 1 range (ghz) dc to 18 attenuation accuracy (ghz) 0.5 vswr 1.3:1 frequency 2 range (ghz) 18 to 26.5 attenuation accuracy (db) 0.5 vswr 1.4:1 frequency 3 range (ghz) 26.5 to 40 attenuation accuracy (db) 0.6 vswr 1.4:1 8 db fixed attenuator, 2.92mm male to 2.92mm female stainless steel body rated to 1 watt up to 40 ghz PE7088-8 click the following link for the additional product information: 8 db fixed attenuator, 2.92mm male to 2.92mm female stainless steel body rated to 1 watt up to 40 ghz PE7088-8
pasternack enterprises, inc. ? p.o. box 16759, irvine, ca 92623 phone: (866) 727-8376 or (949) 261-1920 ? fax: (949) 261-7451 sales@pasternack.com ? techsupport@pasternack.com version c - revision - ? 2011 pasternack enterprises all rights reserved. 2 mechanical specifcations temperature operating range (deg c) -55 to +125 body material and plating stainless steel, passivated connector 1 type 2.92mm gender male body material and plating stainless steel, passivated inner conductor material and plating becu, gold outer conductor material and plating stainless steel, passivated coupling nut material and plating stainless steel, passivated connector 2 type 2.92mm gender female body material and plating stainless steel, passivated inner conductor material and plating becu, gold outer conductor material and plating stainless steel, passivated coupling nut material and plating stainless steel, passivated compliance certifcations (visit www.pasternack.com for current document) rohs compliant yes, by exemption other data url: http://www.pasternack.com/8db-fxed-2.92mm-male-2.92mm-female-1-watt-attenuator-PE7088-8-p.aspx 8 db fixed attenuator, 2.92mm male to 2.92mm female stainless steel body rated to 1 watt up to 40 ghz from pasternack enterprises has same day shipment for domestic and international orders. our rf , microwave and fber optic products maintain a 99% availability and are part of the broadest selection in the industry . PE7088-8 8 db fixed attenuator, 2.92mm male to 2.92mm female stainless steel body rated to 1 watt up to 40 ghz
version c - revision - ? 2011 pasternack enterprises all rights reserved. 3 PE7088-8 cad drawing 8 db fixed attenuator, 2.92mm male to 2.92mm female stainless steel body rated to 1 watt up to 40 ghz


▲Up To Search▲   

 
Price & Availability of PE7088-8

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X